Part Number Hot Search : 
12S12 8305AGI 2N1489 29059706 IR15XB08 203U0 ZS20XI KSM540
Product Description
Full Text Search
 

To Download BCX70SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation supersedes data of 1997 mar 14 1999 apr 15 discrete semiconductors bcx70 series npn general purpose transistors o k, halfpage m3d088
1999 apr 15 2 philips semiconductors product speci?cation npn general purpose transistors bcx70 series features low current (max. 100 ma) low voltage (max. 45 v). applications general purpose switching and amplification. description npn transistor in a sot23 plastic package. pnp complements: bcx71 series. marking note 1. * = p : made in hong kong. * = t : made in malaysia. type number marking code (1) bcx70g ag * bcx70h ah * bcx70j aj * bcx70k ak * pinning pin description 1 base 2 emitter 3 collector fig.1 simplified outline (sot23) and symbol. handbook, halfpage 2 1 3 mam255 top view 2 3 1 limiting values in accordance with the absolute maximum rating system (iec 134). thermal characteristics note 1. transistor mounted on an fr4 printed-circuit board. symbol parameter conditions min. max. unit v cbo collector-base voltage open emitter - 45 v v ceo collector-emitter voltage open base - 45 v v ebo emitter-base voltage open collector - 5v i c collector current (dc) - 100 ma i cm peak collector current - 200 ma i bm peak base current - 200 ma p tot total power dissipation t amb 25 c - 250 mw t stg storage temperature - 65 +150 c t j junction temperature - 150 c t amb operating ambient temperature - 65 +150 c symbol parameter conditions value unit r th j-a thermal resistance from junction to ambient note 1 500 k/w
1999 apr 15 3 philips semiconductors product speci?cation npn general purpose transistors bcx70 series characteristics t amb =25 c unless otherwise speci?ed. note 1. pulse test: t p 300 m s; d 0.02. symbol parameter conditions min. typ. max. unit i cbo collector cut-off current i e = 0; v cb =45v -- 20 na i e = 0; v cb = 45 v; t amb = 150 c -- 20 m a i ebo emitter cut-off current i c = 0; v eb =4v -- 20 na h fe dc current gain i c =10 m a; v ce =5v bcx70g --- bcx70h 40 -- bcx70j 30 -- bcx70k 100 -- dc current gain i c = 2 ma; v ce =5v bcx70g 120 - 220 bcx70h 180 - 310 bcx70j 250 - 460 bcx70k 380 - 630 dc current gain i c = 50 ma; v ce =1v bcx70g 50 -- bcx70h 70 -- bcx70j 90 -- bcx70k 100 -- v cesat collector-emitter saturation voltage i c = 10 ma; i b = 0.25 ma 50 - 350 mv i c = 50 ma; i b = 1.25 ma 100 - 550 mv v besat base-emitter saturation voltage i c = 10 ma; i b = 0.25 ma 600 - 850 mv i c = 50 ma; i b = 1.25 ma 700 - 1050 mv v be base-emitter voltage i c =10 m a; v ce =5v - 520 - mv i c = 2 ma; v ce = 5 v 550 650 750 mv i c = 50 ma; v ce =1v - 780 - mv c c collector capacitance i e =i e = 0; v cb = 10 v; f = 1 mhz - 1.7 - pf c e emitter capacitance i c =i c = 0; v eb = 0.5 v; f = 1 mhz - 11 - pf f t transition frequency i c = 10 ma; v ce = 5 v; f = 100 mhz; note 1 100 250 - mhz f noise ?gure i c = 200 m a; v ce =5v; r s =2k w ; f = 1 khz; b = 200 hz - 26db
1999 apr 15 4 philips semiconductors product speci?cation npn general purpose transistors bcx70 series package outline unit a 1 max. b p cd e e 1 h e l p qw v references outline version european projection issue date 97-02-28 iec jedec eiaj mm 0.1 0.48 0.38 0.15 0.09 3.0 2.8 1.4 1.2 0.95 e 1.9 2.5 2.1 0.55 0.45 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot23 b p d e 1 e a a 1 l p q detail x h e e w m v m a b a b 0 1 2 mm scale a 1.1 0.9 c x 12 3 plastic surface mounted package; 3 leads sot23
1999 apr 15 5 philips semiconductors product speci?cation npn general purpose transistors bcx70 series definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation.
1999 apr 15 6 philips semiconductors product speci?cation npn general purpose transistors bcx70 series notes
1999 apr 15 7 philips semiconductors product speci?cation npn general purpose transistors bcx70 series notes
internet: http://www.semiconductors.philips.com philips semiconductors C a worldwide company ? philips electronics n.v. 1999 sca63 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 pakistan: see singapore philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland: ul. lukiska 10, pl 04-123 warszawa, tel. +48 22 612 2831, fax. +48 22 612 2327 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 319762, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 7430 johannesburg 2000, tel. +27 11 470 5911, fax. +27 11 470 5494 south america: al. vicente pinzon, 173, 6th floor, 04547-130 s?o paulo, sp, brazil, tel. +55 11 821 2333, fax. +55 11 821 2382 spain: balmes 22, 08007 barcelona, tel. +34 93 301 6312, fax. +34 93 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 5985 2000, fax. +46 8 5985 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2741 fax. +41 1 488 3263 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2886, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: talatpasa cad. no. 5, 80640 gltepe/istanbul, tel. +90 212 279 2770, fax. +90 212 282 6707 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 181 730 5000, fax. +44 181 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381, fax. +1 800 943 0087 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 62 5344, fax.+381 11 63 5777 for all other countries apply to: philips semiconductors, international marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 34 waterloo road, north ryde, nsw 2113, tel. +61 2 9805 4455, fax. +61 2 9805 4466 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 1 60 101 1248, fax. +43 1 60 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 20 0733, fax. +375 172 20 0773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 68 9211, fax. +359 2 68 9102 canada: philips semiconductors/components, tel. +1 800 234 7381, fax. +1 800 943 0087 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: sydhavnsgade 23, 1780 copenhagen v, tel. +45 33 29 3333, fax. +45 33 29 3905 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615 800, fax. +358 9 6158 0920 france: 51 rue carnot, bp317, 92156 suresnes cedex, tel. +33 1 4099 6161, fax. +33 1 4099 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 2353 60, fax. +49 40 2353 6300 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: pt philips development corporation, semiconductors division, gedung philips, jl. buncit raya kav.99-100, jakarta 12510, tel. +62 21 794 0040 ext. 2501, fax. +62 21 794 0080 ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, piazza iv novembre 3, 20124 milano, tel. +39 2 6752 2531, fax. +39 2 6752 2557 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108-8507, tel. +81 3 3740 5130, fax. +81 3 3740 5077 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381, fax +9-5 800 943 0087 middle east: see italy printed in the netherlands 115002/00/03/pp8 date of release: 1999 apr 15 document order number: 9397 750 05658


▲Up To Search▲   

 
Price & Availability of BCX70SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X